Part Number Hot Search : 
00ETTS EMG29DX T0805BH IH0505S AN473 2SD2625 EMG29DX S8305MG
Product Description
Full Text Search
 

To Download MSS20047-H27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r e visi o n da te : 05/20/0 5 the aero ex / metelics mss20,000 series of schottk y diodes is f abricated on p-t y pe epitaxial substrates f or s uperior 1 /f noise per f ormance in microwave zero-bias detector a pp lications u p to 40 ghz.  very low 1/ f noise  detector applications to 40 gh z  chip, beam lead or packa g ed device s description features mss20 , 000 series zero b i as s chottky diode s m o d e l c j max pf t ss typ db m r v mi n chip electrical specifications, t a = 25 oc p arameters r atin g r everse voltag e 1 .0 v o l ts f orward c urrent 35 m a o peration temperature - 65 o c to +150 o c s torage temperatur e - 65 o c to +150 o c c w power dissipatio n 100 mw, derated linearly to zero at t a t = +150 o c s oldering temperature (packaged ) + 230 o c f or 5 sec . absolute maximum ratings
r ev i s i on date: 05/20/05 mss20 , 000 series zero bias s ilicon s chottky diode s 2 aero? ex / metelics, inc . w ww.a e r o? e x-m ete li c s. co m m o d e l c j max p f t s s typ dbm r v mi n beam lead electrical specifications, t a = 25 oc m o d e l c t max pf t s s ty p d b m r v min packaged electrical specifications, t a = 25 oc
r ev i s i on date: 05/20/0 5 3 aero ex / metelics, inc . w ww.a e r o? e x-m ete li c s. co m typical performance, t a = 25 oc mss20 , 000 serie s zero bias s ilicon s chottky diode s outline drawings 5 1 c ] 2 3 4 . [ 7 1 ] 0 3 3 . [ 3 1 ] 2 3 4 . [ 7 1 ] 0 3 3 . [ 3 1 ] 8 2 0 . 0 [ 1 . 1 ] 3 2 0 . 0 [ 9 . 0 ] 2 5 1 . 0 [ 6 ] 2 0 1 . 0 [ 4 top contact is cathode. t c a t n o c p o t t c a t n o c k c a b ] 5 0 3 . 0 [ 2 1 ] 9 2 2 . 0 [ 9 ] 7 8 7 . 0 [ 1 3 ] 6 8 6 . 0 [ 7 2 ] 5 6 1 . 0 [ 5 . 6 ] 9 8 0 . 0 [ 5 . 3 ] 5 0 3 . 0 [ 2 1 ] 9 2 2 . 0 [ 9 ] 4 1 0 . 0 [ 5 5 . 0 ] 6 0 0 . 0 [ 5 2 . 0 ] 9 8 0 . 0 [ 5 . 3 ] 0 3 0 . 0 [ 2 . 1 ] 3 1 0 . 0 [ 5 . 0 n a h t s s e l e d o n a s i d a e l t u c d 0 1 b k c a b w e i v k c a b h n 1 . 0 = p l f p 5 1 0 . 0 = p c c 15 b 10 d      6 m6 m6 m6 m6 m6 (igh g ,ow g                          fi gure 1 . detected output vs. rf input power r f input p o v o u t p in (dbm ) fi gure 3 . detector out p ut vs. tem p erature fi gure 2. video resistance vs. rf input power f input pow stance vs. rf input v r ( r ) p in (dbm ) f = 10 ghz, h tuned at -30 dbm r l = 1 m
r evision date: 05/ 2 0/05 aero ex / metelics ae r o e x mi c r oe l ec tr o ni c so l u ti o n s 9 75 stewart drive, sunn y vale, ca 9408 5 tel: 408-7 3 7-818 1 fa x: 4 08 -7 33 -7 6 4 5 www.aero ex-metelics.com sales@aero ex-metelics.com a ero ex / metelics, inc. reserves the ri g ht to make chan g es to an y products and services herein at an y time without notice. c onsult aero ex or an authorized sales representative to verif y that the information in this data s heet is current be f ore usin g this product. aero ex does not assume an y r esponsibilit y or liabilit y arisin g out o f the application or use o f an y produc t o r serv i ce d escr ib e d h ere i n, except as express ly a g ree d to i n wr i t i n g by a ero ex; nor does the purchase, lease, or use o f a product or service f rom a ero ex conve y a license under an y patent ri g hts, cop y ri g hts, trademark r i g hts, or an y other of the intellectual ri g hts of aero ex or of third parties. c op y ri g ht 2003 aero ex / metelics. all ri g hts reserved. attributes represented b y these three icons: solution-minded, per f ormance-driven and customer- f ocused . outline drawings mss 20 , 000 s erie s z ero bias silicon schottk y diode s 72 [1.829] 65 [1.651] 23 [0.584] 17 [0.432] dia 75 [1.905] 65 [1.651] square 130 [3.302] min. 2 pls 6 [0.152] 3 [0.076] 35 [0.889] 25 [0.635] 8 [0.203] 4 [0.102] cut lead is cathode cp=0.12pf lp=0.4nh h27 s l p 2 ] 7 2 1 . 0 [ 5 ] 6 7 0 . 0 [ 3 . x a m ] 0 7 2 . 1 [ 0 5 ] 6 5 3 . 0 [ 4 1 ] 3 0 2 . 0 [ 8 y x o p e n i m ] 2 3 0 2 [ 0 8 c i m a r e c 5 2 e f p 7 0 . 0 = p c h n 4 . 0 = p l ] 7 5 4 . 0 [ 8 1 ] 5 0 3 . 0 [ 2 1 e d o h t a c s i d a e l t u c . q s ] 7 9 3 . 1 [ 5 5 ] 3 4 1 . 1 [ 5 4 124 [3.150] dia. 118 [2.997] 27 [0.686] max. 64 [1.626] dia. 60 [1.524] 83 [2.108] dia. 77 [1.956] 64 [1.626] 60 [1.524] t86 cp=0.18pf lp=1.0nh ceramic body heat sink is cathode except for mss20, mss39 and mbd 64 [1.626] 60 [1.524] 225 [5.715] 205 [5.207] h 27 ( h e rm etic) e25 (n o n-h e rm etic) t86 (hermet i c )


▲Up To Search▲   

 
Price & Availability of MSS20047-H27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X